PART |
Description |
Maker |
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DS2432P-W072T CAT93C86LA-GT2 DS2432P-W022T DS28E04 |
1Kb Protected 1-Wire EEPROM with SHA-1 Engine 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 4096-Bit Addressable 1-Wire EEPROM with PIO 4K X 1 1-WIRE SERIAL EEPROM, PDSO16 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 1K X 1 1-WIRE SERIAL EEPROM, PBCY3 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 1K X 1 1-WIRE SERIAL EEPROM, PBGA6 2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog 256 X 8 EEPROM 3V, PDSO28 1Kb????ゅ?1-Wire EEPROM锛?甫??HA-1寮??
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
29F1610 29F1610A-10 MX29F1610A-90 MX29F1610A-10 29 |
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Macronix International Co., Ltd.
|
IS24C01B-2ZLI IS24C02B-2PLI |
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
28C16AT/L 28C16ATI/P 28C16AFI/L 28C16AFT/L 28C16AF |
16K (2K x 8) CMOS EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Microchip Technology Inc.
|
PCF85103C-2T PCF85103C-2P |
256 x 8-bit CMOS EEPROM with I2C-bus interface
|
NXP Semiconductors
|
CAT28LV256 CAT28LV256N-20T CAT28LV256N-25T CAT28LV |
256K-bit CMOS parallel EEPROM 250ns 256K-bit CMOS parallel EEPROM 200ns 256K-bit CMOS parallel EEPROM 300ns 256K-Bit CMOS PARALLEL E2PROM 128Kx8 EEPROM 128Kx8 EEPROM 32K X 8 EEPROM 3V, 200 ns, PQCC32
|
http:// CATALYST[Catalyst Semiconductor] Intersil, Corp. Epson (China) Co., Ltd. STMicroelectronics N.V. ON SEMICONDUCTOR
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
28C256ASC-1 28C256ASC-2 28C256ASC-3 28C256ASC-4 28 |
High speed 120 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 150 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 200 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 250 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 250 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 120 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 150 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 200 ns.
|
Turbo IC
|
CAT25040S CAT25040SA CAT25040SE CAT25040SI CAT2502 |
SPI Serial CMOS EEPROM (Motorola Compatible), 1K, 2-bit Block Protection SPI Serial CMOS EEPROM (Motorola Compatible), 2K, 2-bit Block Protection 1K/2K/4K SPI Serial CMOS EEPROM Replaced by DRV101,DRV102,DRV104 : PWM Low Side Driver (1.5A/3A) for Solenoids, Coils, Valves, Heaters, and Lamps 8-SO PowerPAD -40 to 85 Replaced by DRV101,DRV102,DRV104 : PWM Low Side Driver (1.5A/3A) for Solenoids, Coils, Valves, Heaters, and Lamps 8-SOIC Replaced by SN74LVC162244A : 16-Bit Buffer/Driver With 3-State Outputs 48-TSSOP -40 to 85 Automotive Catalog Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-TSSOP -40 to 125 Replaced by SN74LVC162244A : 16-Bit Buffer/Driver With 3-State Outputs 48-SSOP -40 to 85 Automotive Catalog Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-SOIC -40 to 125 16-Bit Buffer/Driver With 3-State Outputs 48-TVSOP -40 to 85 19-Bit Bus Interface With 3-State Outputs 48-SSOP 0 to 70 19-Bit Bus Interface With 3-State Outputs 48-TSSOP 0 to 70 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, TSSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 192 kHz Digital Audio Transmitter 28-TSSOP -40 to 85 1K/2K/4K SPI串行EEPROM中的CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 256 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
CATALYST[Catalyst Semiconductor] Rectron Semiconductor Bourns, Inc.
|
HN58X2402SFPI HN58X2402SI HN58X2402STI HN58X2404SF |
Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit) Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit) 两线串行接口k EEPROM56字8位)4K的EEPROM的(512字8位)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
X84256 X84256S16 X84256S16-1.8 X84256S16-2.5 X8425 |
UPort Saver EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
http:// XICOR[Xicor Inc.]
|